Part Number Hot Search : 
258829 M09H05 LLM317 GC562 TA761 BPC3510 DS2200 MUR405RL
Product Description
Full Text Search
 

To Download TSC2-2S0505N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TSC2-N Series
7-pin SIP, 2 Watt
MODEL NUMBER OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC OUTPUT CURRENT 500 400 165 133 mA mA mA mA OUTPUT POWER 1.7W 2W 2W 2W 2W 2W 2W 5 VDC IN TSC2-2S053.3N TSC2-2S0505N TSC2-2S0512N TSC2-2S0515N TSC2-2D0505N TSC2-2D0512N TSC2-2D0515N 12 VDC IN TSC2-2S123.3N TSC2-2S1205N TSC2-2S1212N TSC2-2S1215N TSC2-2D1205N TSC2-2D1212N TSC2-2D1215N 24 VDC IN TSC2-2S243.3N TSC2-2S2405N TSC2-2S2412N TSC2-2S2415N TSC2-2D2405N TSC2-2D2412N TSC2-2D2415N
200 mA 83 mA 66 mA
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted.
PIN PIN CONNECTIONS FUNCTION +V Input -V Input -V Output Common* +V Output
INPUT SPECIFICATIONS Input Voltage Range.................................................10% Input Filter.............................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy..............................................3%, Max. Voltage Balance, Balance Load.......................1%, Max. Line Regulation, FL...............................1.2%/%Vin, Typ. Load Regulation, FL-20%FL.............................8%, Typ.
(For regulated 0.75W models, see TSB Series.)
1 2 4 5 6
*No pin on single output models.
0.77 (19.5) 0.40 0.02 (10.2) (0.5) 12 456 0.10 (2.54) 0.05 (1.25) 0.30 (7.6) 0.12 (3.0)
Ripple and Noise, 20MHz BW..................100 mVp-p, Typ. 150 mVp-p, Max. Short Circuit Protection.........................0.5 Second, Max. GENERAL SPECIFICATIONS Efficiency.............................................................73- 83% Isolation Voltage, Input to Output.....................1,000 VDC
(For 3K VDC isolated 1W models, see TSC-H Series.)
0.09 (2.3)
Isolation Resistance...................................109 Ohms, Min. Isolation Capacitance.......................................80pF, Typ. Switching Frequency.....................................80 kHz, Typ. Operating Temperature, No Derating.......-25C to +71C Storage Temperature Range..................-40C to +125C Cooling...............................................Free Air Convection MTBF per MIL-HDBK-217F @25C..........>2,000k Hours Weight....................................................0.1 oz. (3 grams) Case Material.....................Non-Conductive Black Plastic
PIN SIZE: 0.02 X 0.01 INCH ALL DIMENSIONS IN INCHES (mm)
Rev. A .01 -01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TSC2-2S0505N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X